PART |
Description |
Maker |
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3491 MAX3488 |
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(10Mbps,具关闭方全双工,RS-485/RS-422收发 3.3V供电0Mbps、限摆率、真RS-485/RS-422收发 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(0.25Mbps,?ㄥ?宸ワ?RS-485/RS-422?跺???
|
Maxim Integrated Products, Inc.
|
2745F2 2745F |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
|
BEL[Bel Fuse Inc.]
|
MAX3089EPD MAX3080 MAX3080_07 MAX3080CPD MAX3080CS |
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
|
MAXIM[Maxim Integrated Products]
|
ADM3082 ADM3082AN ADM3082AR ADM3082JN ADM3082JR AD |
TRI N RECP F J/N 0-19 NO SEAL High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
|
Analog Devices, Inc.
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL83483IBZ ISL8348304 ISL83485IBZ ISL83488IBZ ISL |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(3.3V, 低功 高速或带有限斜率功能的RS-485/RS-422收发 3.3,低功耗,高速或摆率限制,RS-485/RS-422收发器(3.3V,低功率,高速或带有限斜率功能的的RS-485/RS-422收发器) 3.3V, Half Duplex, 10Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 3.3V, Full Duplex, 250kbps Slew Rate Limited, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EL5205IY-T13 EL5205 EL5104 EL5304 EL5205IS EL5205I |
700MHz Slew Enhanced VFA 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO10 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-55
|
Intersil, Corp. 音频/视频放 INTERSIL[Intersil Corporation] http://
|
ADM205-ADM211 ADM210 ADM211AR ADM211ARS ADM207ARS |
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 0.1 uF/ 5 V Powered CMOS RS-232 Drivers/Receivers 0.1 mF. 5 V Powered CMOS RS-232 Drivers/Receivers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
EL5300IUZT13 EL5100 EL5100IS EL5101IC-T7 EL5101IW- |
200MHz Slew Enhanced VFA 200MHz Slew Enhanced VFA 200MHz的回转增强挥发性脂肪酸 200MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 200MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 200MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|